Part Number Hot Search : 
IRLI540G 0924H MMBZ5243 IDT72V1 SC2412 CE6353 S10S04MR DF06M
Product Description
Full Text Search
 

To Download M54HC11204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC112
RAD-HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
s
s
s
s
s
s
s
s s
s
s
HIGH SPEED: fMAX = 79MHz (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC =2A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 112 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9203-051
DILC-16
FPC-16
ORDER CODES
PACKAGE DILC FPC FM M54HC112D M54HC112K EM M54HC112D1 M54HC112K1
DESCRIPTION The M54HC112 is an high speed CMOS DUAL J-K FLIP-FLOP WITH PRESET AND CLEAR fabricated with silicon gate C2MOS technology. The M54HC112 dual JK flip-flop features
individual J, K, clock, and asynchronous set and clear inputs for each flip-flop. When the clock goes high, the inputs are enabled and data will be accepted. The logic level of the J and K inputs may be allowed to change when the clock pulse is high and the bistable will function as shown in the truth table. Input data is transferred to the input on the negative going edge of the clock pulse. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
PIN CONNECTION
March 2004
1/11
M54HC112
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN N 1, 13 2, 12 3, 11 4, 10 5, 9 6, 7 15, 14 8 16 SYMBOL 1CK, 2CK NAME AND FUNCTION
Clock Input (HIGH to LOW edge triggered) Data Inputs: Flip-Flop 1 1K, 2K and 2 Data Inputs: Flip-Flop 1 1J, 2J and 2 1PR, 2PR Set Inputs 1Q, 2Q True Flip-Flop Outputs Complement Flip-Flop 1Q, 2Q Outputs 1CLR, 2CLR Reset Inputs GND Ground (0V) VCC Positive Supply Voltage
TRUTH TABLE
INPUTS CLR L H L H H H H H
X : Don't Care
OUTPUTS FUNCTION K X X X L L H H X CK X X X Q L H H Qn H L Qn Qn Q H L H Qn L H Qn Qn CLEAR PRESET ---NO CHANGE ------TOGGLE NO CHANGE
PR H L L H H H H H
J X X X L H L H X
2/11
M54HC112
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 300 -65 to +150 265 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current Power Dissipation PD Tstg TL Storage Temperature Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns
3/11
M54HC112
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-4.0 mA IO=-5.2 mA IO=20 A IO=20 A IO=20 A IO=4.0 mA IO=5.2 mA VI = VCC or GND VI = VCC or GND TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 2 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 20 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 40 A A V V Max. -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
4/11
M54HC112
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 TA = 25C Min. Typ. 30 8 7 52 16 14 68 17 14 16 68 79 20 5 4 20 5 4 28 7 6 Max. 75 15 13 125 25 21 135 27 23 6.4 32 38 75 15 13 75 15 13 75 15 13 0 0 0 50 10 9 95 19 16 95 19 16 95 19 16 0 0 0 60 12 10 Value -40 to 85C Min. Max. 95 19 16 155 31 26 170 34 29 5.4 27 32 110 22 19 110 22 19 110 22 19 0 0 0 70 14 12 -55 to 125C Min. Max. 110 22 19 190 38 32 205 41 35 ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time (CK - Q, Q) tPLH tPHL Propagation Delay Time (CLR, PR - Q, Q) fMAX Maximum Clock Frequency Minimum Pulse Width (CLOCK) Minimum Pulse Width (CLR, PR) Minimum Set-up Time Minimum Hold Time Minimum Removal Time (CLR, PR)
ns
ns
8 40 47
MHz
tW(H) tW(L) tW(L)
ns
ns
ts
ns
th
ns
tREM
24 4 3
ns
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 TA = 25C Min. Typ. 5 33 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/2 (per FLIP/ FLOP)
5/11
M54HC112
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
WAVEFORM 1: PROPAGATION DELAY TIMES, MINIMUM PULSE WIDTH (CK), SETUP AND HOLD TIME (J to CK) (f=1MHz; 50% duty cycle)
6/11
M54HC112
WAVEFORM 2: PROPAGATIONS DELAY TIME, MINIMUM PULSE WIDTH (CLR, PR) (f=1MHz; 50% duty cycle)
WAVEFORM 3: MINIMUM REMOVAL TIME (CLR to CK) (f=1MHz; 50% duty cycle)
7/11
M54HC112
WAVEFORM 4: MINIMUM REMOVAL TIME (PR to CK) (f=1MHz; 50% duty cycle)
8/11
M54HC112
DILC-16 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 B b b1 D e e1 e2 e3 F I K L 10.90 1.14 17.65 7.62 7.29 2.1 3.00 0.63 1.82 0.40 0.20 20.06 7.36 0.45 0.254 20.32 7.62 2.54 17.78 7.87 7.49 17.90 8.12 7.70 3.83 12.1 1.5 0.429 0.045 0.695 0.300 0.287 0.88 TYP MAX. 2.71 3.70 1.14 2.39 0.50 0.30 20.58 7.87 MIN. 0.083 0.118 0.025 0.072 0.016 0.008 0.790 0.290 0.018 0.010 0.800 0.300 0.100 0.700 0.310 0.295 0.705 0.320 0.303 0.151 0.476 0.059 0.035 TYP. MAX. 0.107 0.146 0.045 0.094 0.020 0.012 0.810 0.310 inch
0056437F
9/11
M54HC112
FPC-16 MECHANICAL DATA
mm. DIM. MIN. A B C D E F G H L M N 0.38 6.0 18.75 0.33 0.38 4.31 22.0 0.43 6.75 9.76 1.49 0.102 8.76 0.127 8.89 1.27 0.43 0.48 0.015 0.237 0.738 0.013 0.015 0.170 0.867 0.017 TYP 6.91 9.94 MAX. 7.06 10.14 1.95 0.152 9.01 MIN. 0.266 0.384 0.059 0.004 0.345 0.005 0.350 0.050 0.017 0.019 TYP. 0.272 0.392 MAX. 0.278 0.399 0.077 0.006 0.355 inch
F
G
D
H
16
9
A
N
L
1
8
H
E
M
C
B
0016030E
10/11
M54HC112
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of M54HC11204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X